Part Number Hot Search : 
60800 FSS212 TC123 CK2445 TC115 24AA0 03C24 312100
Product Description
Full Text Search
 

To Download BCM3440 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BCM3440
PRODUCT
(R)
Brief
OF BENEFITS
BCM3440 DIRECT CONVERSION SATELLITE TUNER
BCM3440 FEATURES SUMMARY
* Direct conversion architecture in standard CMOS process * Supports QPSK and 8PSK demodulation * Input frequency range: 950 to 2150 MHz * Supports 1 to 45 Mbaud data rates * Input signal: -25 to -70 dBm * Baseband in-phase and quadrature outputs * Programmable bandwidth I/Q baseband filters * Integrated LO with on-chip VCO and PLL * Integrated LNA with RF AGC * On-chip IF AGC * Two wire I C host interface * Differential signals for high noise immunity * Uses a low-cost crystal * 3.3V operation * 48-pin TQFP
2
* Designed to work with the BCM4500 and BCM4201 satellite receivers * Operates across entire satellite L-band frequency range * Extremely low phase noise for operation with 8PSK modulation systems * Highly integrated solution minimizes design time and system cost * Operates using single 3.3V supply to eliminate the need for 5V * Complete reference design available to minimize
customer RF expertise requirement
BCM3440 Tuner Application Example (Satellite Set-Top Box)
Memory
Conditional Access
BCM7020
HD Video Audio
BCM3440
SatelliteTuner
I Q
BCM4500
Advanced Modulation Satellite Receiver
L-band
HDTV MPEG-2 Transport Demux, Audio/ Video Decoder and Display Engine
Host CPU
BCM3440
OVERVIEW
TQFP-48
IF AGC I
+ I out
950-2150 MHz
- I out
0 RF in AF AGC LNA
o
Q
+ Q out - Q out
90
o
PLL 16 MHz ref.
The BCM3440 is a highly integrated CMOS tuner for the direct broadcast satellite (DBS) market. It is designed to operate with Broadcom's Advanced Modulation Receiver, the BCM4500, which supports 8PSK modulation with turbo code FEC. The BCM3440 also operates with the BCM4201 QPSK satellite receiver. It is designed to support the full 1-45 Mbaud DVB operating range with support for 950 to 2150 MHz input frequencies. The BCM3440 is based on a direct conversion architecture to reduce external component count and increase performance. The chip has integrated LNA, VCO and PLL and has both RF and IF AGCs. The BCM3440 uses a single 16-MHz crystal that it shares with the BCM4500 for reduced system cost. The BCM3440 is a single-chip satellite tuner implemented in low-cost CMOS technology. The tuner takes in a differential L-band signal from standard consumer-grade LNB devices. An on-chip LNA is controlled by an internal AGC to provide wide tuner dynamic range. A direct conversion architecture is used to convert the L-band signal to in-phase and quadrature baseband signals. The signals required for direct conversion are all generated within the chip by a fully integrated PLL and a quadrature LO generator. These signals are mixed with the L-band input and then filtered by low-pass filters to remove the upper image produced by the mixer. A variable gain amplifier is then used to adjust the baseband signal levels before processing by the channel selection filters to optimize noise performance and prevent distortion within the filters. The channel select filters are digitally programmable 5th order low-pass Butterworth filters. The filters are controlled with BCM3440 register writes through the I2C interface in 1 MHz steps from 2-MHz to 36-MHz. The device output is a buffered signal capable of driving a 1k ohm differential load 1 Vpp. An on-chip DC servo loop is included to to correct DC offsets inherent in direct conversion mixers and to minimize the offsets through the channel select filters and output buffers. The BCM93440 reference design is available to simplify testing and design using the BCM3440. Schematics, Gerber files and test and evaluation software are available.
Broadcom(R), the pulse logo(R) and Connecting everything(R) are trademarks of Broadcom Corporation and/or its subsidiaries in the United States and certain other countries. All other trademarks are the property of their respective owners.
(R)
BROADCOM CORPORATION 16215 Alton Parkway, P.O. Box 57013 Irvine, California 92619-7013
(c) 2003 by BROADCOM CORPORATION. All rights reserved. 3440-PB04-R-06.13.03
Phone: 949-450-8700 FAX: 949-450-8710 Email: info@broadcom.com Web: www.broadcom.com


▲Up To Search▲   

 
Price & Availability of BCM3440

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X